|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KOA SPEER ELECTRONICS, INC. SS-201 R2 AHA 6/30/06 Fixed High-Frequency Inductors Type SDR0805 (SMD Power Chokes) 1. Scope CERTIFIED CERTIFIED This specification applies to SMD type choke coil SDR0805 produced by KOA Speer Electronics, Inc. 2. Dimensions and Construction B Size 0805 F A A Dimensions inches (mm) B F (typ.) .197.012 (5.00.3) .102 (2.6) .295.012 (7.50.3) Electrode Ceramic Magnet Substrate Wire 3. Type Designation SDR Type 0805 Size 0805 T Termination Material T: Sn (Other termination styles available, contact factory for options) TEB Packaging TEB: 13" Embossed Plastic (0805: 1,000 pieces/reel) 100 Nominal Inductance 100: 10H 101: 100H M Tolerance K: 10% M: 20% 4. Structure Item (1) Core: (2) Winding Wire: (3) Terminal Electrode: Materials Ferrite dr. core Enameled copper wire Ag + Sn/Pb 5. PCB Pattern A Size 0805 B C Dimensions inches (mm) A B C .31 (8.0) .094 (2.4) .31 (7.8) PAGE 1 OF 4 Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-201 R2 6. Test Condition Unless otherwise specified, the test shall be performed at the temperature of 15 ~ 35C and the humidity of 25 ~ 85% specified in JIS-C-5001. If there is any question about the results, the test shall be performed at the temperature of 20 2 C and the humidity of 65 5%. If there is any question about measurement of absolute, the inductance shall be measured by LCR-meter without using its jig. 7. Symbol of Nominal Inductance & Tolerance (A) When we indicate the nominal inductance by numerals, the unit shall be "H" and indicated by 3 numerals. The first 2-digits mean significant figures and the last digit means numbers of "ZERO". The decimal points shall be indicated by "R", which are all significant figures. Example: 1R0 . . . . . . . 1H 100 . . . . . . . 10H 470 . . . . . . . 47H 101. . . . . . 100H 221 . . . . . . 220H 471 . . . . . . 470H (B) The tolerance of nominal inductance shall be K ( 10%), M ( 20%), Y (Special), which will be indicated after figures of inductance. 8. Rating Part Designation SDR0805TTEB100M SDR0805TTEB120M SDR0805TTEB150M SDR0805TTEB180M SDR0805TTEB220M SDR0805TTEB270M SDR0805TTEB330K SDR0805TTEB390K SDR0805TTEB470K SDR0805TTEB560K SDR0805TTEB680K SDR0805TTEB820K SDR0805TTEB101K SDR0805TTEB121K SDR0805TTEB151K SDR0805TTEB181K SDR0805TTEB221K SDR0805TTEB271K SDR0805TTEB331K SDR0805TTEB391K SDR0805TTEB471K Nominal Inductance L (H) @ 1KHz 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 Inductance Tolerance DC Resistance Maximum () 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.16 0.20 0.24 0.30 0.37 0.45 0.48 0.68 0.77 0.96 1.11 1.26 1.77 1.96 Allowable DC Current Maximum (Amps) 2.3 2.0 1.8 1.6 1.5 1.3 1.2 1.1 1.0 0.94 0.85 0.78 0.72 0.66 0.58 0.51 0.49 0.42 0.40 0.36 0.34 Operating Temperature Range Storage Temperature Range M: 20% -25C to +85C -40C to +100C K: 10% PAGE 2 OF 4 Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-201 R2 9. Mechanical Performance Item Body Strength Performance No damage Test Method (JIS C 5321) Load 1kg. for 10 seconds 1R R: The top of loading stick L: Slot-width SDR 0805: .157" (4.0 mm) L Resistance to Vibration Resistance to Soldering Solderability Change of Inductance: 5% No remarkable visual damage The electrode shall be covered with new solder To put the sample on paper phenolic resin laminate base and to vibrate at the frequency of 10-55-10 Hz for each X, Y, Z direction for 2 hours and to sweep it at a full vibration width .059" (1.5mm) for 1 minute. To immerse into Solder bath of 260 5 C for 10 1 seconds. To immerse for 3 0.5 seconds at 235 5 C 10. Environmental Tests Item Resistance to Cold Temperature Cycling Resistance to Heat T. C. R Resistance to Damp (Steady State) Endurance (Under Damp and Load) Endurance (Under high Temperature) Performance Change of Inductance: 10% Change of Inductance: 10% Change of Inductance: 10% Change of Inductance: 5% Change of Inductance: 10% Change of Inductance: 10% Change of Inductance: 10% Test Method (JIS C 5321) To leave in a bath at -40 2 C for 1,000 hours. To keep at -25C ~ 85C for 30 minutes in 5 cycles and leave for 10 ~ 15 minutes in normal temperature at the time of transition between low temperatures and high temperatures To leave in a bath at -85 2 C for 2 hours. 20C shall be standard and change of inductance shall be measured at -25C ~ 85C. Temperature: 60 2 C Humidity: 90 ~ 95% Test hours: 1,000 hours Temperature: 40 2 C Humidity: 90 ~ 95% To supply allowable current for 1,000 hours continually Temperature: 85 2 C To supply allowable current for 1,000 hours PAGE 3 OF 4 Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. KOA SPEER ELECTRONICS, INC. SS-201 R2 SDR 0805 Packaging Carrier Tape Reels T .079 (2.00.5) Thickness .004 (0.1 max.) A B oC N oC Embossed cavity Embossed carrier G Materials: Paper Plastics Dimensions in inches (mm) Type .629 (16) A 12.98 (330) B .944 (24 1) C .511 (13 0.5) G .708 (18) N 1.97 (50 - 0) T .924 (23.5) * SDR 0805: 1,000 Pieces/Reel End .157 (4.0) Start .629 (16) Cover tape .244 (6.2) * .014 (t=0.35) No component 7.86 (200) Component 471.88 (12,000) User direction of feed ** Strength of cover tape: The force for tearing off cover tape is 10 to 130 grams in the arrow direction. 165 to 180 Top cover tape .472 (12.0) No component 15.73 (400) Base tape PAGE 4 OF 4 Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. |
Price & Availability of SDR0805TTEB100K |